Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download IRFB41N15D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 93804A
SMPS MOSFET
IRFB41N15D IRFS41N15D IRFSL41N15D
HEXFET(R) Power MOSFET
Applications l High frequency DC-DC converters Benefits l Low Gate-to-Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
VDSS
150V
RDS(on) max
0.045
ID
41A
TO-220AB IRFB41N15D
D2Pak IRFS41N15D
TO-262 IRFSL41N15D
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torqe, 6-32 or M3 screw
Max.
41 29 164 3.1 200 1.3 30 2.7 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V V/ns C
Typical SMPS Topologies
l
Telecom 48V input DC-DC Active Clamp Reset Forward Converter
Notes
through
are on page 11
www.irf.com
1
2/14/00
IRFB/IRFS/IRFSL41N15D
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 150 --- --- 3.0 --- --- --- --- Typ. --- 0.17 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.045 VGS = 10V, ID = 25A 5.5 V VDS = VGS, ID = 250A 25 VDS = 150V, VGS = 0V A 250 VDS = 120V, VGS = 0V, TJ = 150C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 18 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 72 21 35 16 63 25 14 2520 510 110 3090 230 250 Max. Units Conditions --- S VDS = 50V, ID = 25A 110 I D = 25A 31 nC VDS = 120V 52 VGS = 10V, --- VDD = 75V --- ID = 25A ns --- RG = 2.5 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 120V, = 1.0MHz --- VGS = 0V, VDS = 0V to 120V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
470 25 20
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Typ.
--- 0.50 --- ---
Max.
0.75 --- 62 40
Units
C/W
Diode Characteristics
Min. Typ. Max. Units IS
ISM
VSD trr Qrr ton
Conditions D MOSFET symbol 41 --- --- showing the A G integral reverse --- --- 164 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 25A, VGS = 0V --- 170 260 ns TJ = 25C, IF = 25A --- 1.3 1.9 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRFB/IRFS/IRFSL41N15D
1000
VGS 15V 10V 9.0V 8.0V 7.5V 7.0V 6.5V BOTTOM 6.0V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 9.0V 8.0V 7.5V 7.0V 6.5V BOTTOM 6.0V TOP
100
10
10
6.0V
6.0V
1 0.1 1
20s PULSE WIDTH TJ = 25 C
10 100
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 41A
I D , Drain-to-Source Current (A)
2.5
100
2.0
TJ = 175 C
1.5
TJ = 25 C
10
1.0
0.5
1 6 7 8
V DS = 25V 20s PULSE WIDTH 9 10 11
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFB/IRFS/IRFSL41N15D
100000 20 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
ID = 25A VDS = 120V VDS = 75V VDS = 30V
VGS , Gate-to-Source Voltage (V)
16
10000
C, Capacitance(pF)
Ciss
1000
12
Coss
100
8
Crss
4
10 1 10 100 1000
0 0 20 40 60
FOR TEST CIRCUIT SEE FIGURE 13
80 100 120
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
100
TJ = 175 C
I D , Drain Current (A)
100
10us
10
100us
TJ = 25 C
1
10
1ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8
1 1
TC = 25 C TJ = 175 C Single Pulse
10 100
10ms
1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFB/IRFS/IRFSL41N15D
50
VDS VGS
RD
40
D.U.T.
+
RG
I D , Drain Current (A)
-VDD
30
VGS
Pulse Width 1 s Duty Factor 0.1 %
20
Fig 10a. Switching Time Test Circuit
10
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.1 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.001 0.01 0.1 1
P DM t1 t2
0.01 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFB/IRFS/IRFSL41N15D
1 5V
1200
EAS , Single Pulse Avalanche Energy (mJ)
TOP BOTTOM
1000
VDS
L
D R IV E R
ID 10A 21A 25A
800
RG
20V tp
D .U .T
IA S
+ V - DD
A
600
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
400
200
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
IAS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
VGS
QGS VG QGD
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
IG
ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFB/IRFS/IRFSL41N15D
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFB/IRFS/IRFSL41N15D
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2 .8 7 (.1 1 3 ) 2 .6 2 (.1 0 3 )
1 0 .5 4 (.4 1 5 ) 1 0 .2 9 (.4 0 5 )
3 .7 8 (.1 4 9 ) 3 .5 4 (.1 3 9 ) -A6.4 7 (.2 5 5 ) 6.1 0 (.2 4 0 )
-B4 .6 9 (.1 8 5 ) 4 .2 0 (.1 6 5 ) 1 .3 2 (.0 5 2 ) 1 .2 2 (.0 4 8 )
4 1 5 .2 4 (.6 0 0 ) 1 4 .8 4 (.5 8 4 )
1 .1 5 (.0 4 5 ) M IN 1 2 3
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - S OU RC E 4 - D R A IN
1 4 .0 9 (.5 5 5 ) 1 3 .4 7 (.5 3 0 )
4 .0 6 (.1 6 0 ) 3 .5 5 (.1 4 0 )
3X 3X 1 .4 0 (.0 5 5 ) 1 .1 5 (.0 4 5 )
0 .9 3 (.0 3 7 ) 0 .6 9 (.0 2 7 ) M BAM
3X
0 .5 5 (.0 2 2 ) 0 .4 6 (.0 1 8 )
0 .3 6 (.0 1 4 )
2 .5 4 (.1 0 0) 2X N O TE S : 1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H
2 .9 2 (.1 1 5 ) 2 .6 4 (.1 0 4 )
3 O U T L IN E C O N F O R M S T O J E D E C O U T L IN E T O -2 2 0 A B . 4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T IN C L U D E B U R R S .
TO-220AB Part Marking Information
E X A M P L E : T H IS IS A N IR F 1 0 1 0 W IT H A S S E M B L Y LOT C ODE 9B1M
A
IN T E R N A T IO N A L R E C T IF IE R LOGO ASSEMBLY LOT CODE
PART NU M BER IR F 1 0 1 0 9246 9B 1M
D ATE CO DE (Y Y W W ) YY = YEAR W W = W EEK
8
www.irf.com
IRFB/IRFS/IRFSL41N15D
D2Pak Package Outline
1 0.54 (.4 15) 1 0.29 (.4 05) 1.4 0 (.055 ) M AX. -A2
4.69 (.1 85) 4.20 (.1 65)
-B 1.3 2 (.05 2) 1.2 2 (.04 8)
1 0.16 (.4 00 ) RE F.
6.47 (.2 55 ) 6.18 (.2 43 ) 15 .4 9 (.6 10) 14 .7 3 (.5 80) 5 .28 (.20 8) 4 .78 (.18 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 1.3 9 (.0 5 5) 1.1 4 (.0 4 5) 8.8 9 (.3 50 ) R E F.
1.7 8 (.07 0) 1.2 7 (.05 0)
1
3
3X
1.40 (.0 55) 1.14 (.0 45) 3X 5 .08 (.20 0)
0 .93 (.03 7 ) 0 .69 (.02 7 ) 0 .25 (.01 0 ) M BAM
0.5 5 (.022 ) 0.4 6 (.018 )
M IN IM U M R E CO M M E ND E D F O O TP R IN T 1 1.43 (.4 50 )
NO TE S: 1 D IM EN S IO N S A FTER SO L D ER D IP. 2 D IM EN S IO N IN G & TO LE RA N C IN G PE R A N S I Y1 4.5M , 198 2. 3 C O N TRO L LIN G D IM EN SIO N : IN C H . 4 H E ATSINK & L EA D D IM EN S IO N S D O N O T IN C LU D E B UR R S.
LE A D A SS IG N M E N TS 1 - G A TE 2 - D R AIN 3 - S O U RC E
8.89 (.3 50 ) 17 .78 (.70 0)
3 .8 1 (.15 0) 2 .08 (.08 2) 2X 2.5 4 (.100 ) 2X
D2Pak Part Marking Information
IN TE R N A TIO N A L R E C T IF IE R LO G O A S S E M B LY LO T C O D E
PART NUM BER F530S 9 24 6 9B 1M
A
DATE CODE (Y YW W ) YY = Y E A R W W = W EEK
www.irf.com
9
IRFB/IRFS/IRFSL41N15D
TO-262 Package Outline
TO-262 Part Marking Information
10
www.irf.com
IRFB/IRFS/IRFSL41N15D
D2Pak Tape & Reel Information
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 ( .1 6 1 ) 3 .9 0 ( .1 5 3 )
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 0.3 6 8 (.01 4 5 ) 0.3 4 2 (.01 3 5 )
F E E D D IR E C TIO N 1 .8 5 ( .0 7 3 )
1 .6 5 ( .0 6 5 )
1 1.6 0 (.4 57 ) 1 1.4 0 (.4 49 )
1 5 .42 (.60 9 ) 1 5 .22 (.60 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TRL
1 0.9 0 (.4 2 9) 1 0.7 0 (.4 2 1) 1 .75 (.06 9 ) 1 .25 (.04 9 ) 16 .1 0 (.63 4 ) 15 .9 0 (.62 6 ) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
F E E D D IR E C T IO N
13.50 (.532 ) 12.80 (.504 )
2 7.4 0 (1.079 ) 2 3.9 0 (.9 41) 4
3 30 .00 ( 14.1 73 ) MAX.
6 0.0 0 (2.36 2) M IN .
Notes:
N O TE S : 1 . CO M F OR M S TO E IA -418 . 2 . CO N TR O L LIN G D IM E N SIO N : M IL LIM E T ER . 3 . DIM E NS IO N M EA S UR E D @ H U B. 4 . IN C LU D ES FL AN G E DIST O R T IO N @ O UT E R E D G E.
26 .40 (1 .03 9) 24 .40 (.9 61 ) 3
30.4 0 (1.19 7) M A X. 4
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 1.5mH
RG = 25, IAS = 25A.
ISD 25A, di/dt 340A/s, VDD V(BR)DSS,
TJ 175C
This is only applied to TO-220AB package
This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 Data and specifications subject to change without notice. 02/2000
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRFB41N15D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X